PART |
Description |
Maker |
C-141-1250AC-FDFB-SLC2 C-141-1250AC-FDFB-SLC2-G5 C |
1.25 Gbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
SPC-MR-EIR-1271-CNA SPC-MR-EIR-1291-CNA SPC-MR-EIR |
FIBER OPTIC TRANSCEIVER, 1265-1278nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1285-1298nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1325-1338nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1345-1358nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1305-1318nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1525-1538nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
|
C-141-1250-TDFB-SSC2 C-141-1250C-TDFB-SSC2 C-159-1 |
1.25 Gbps CWDM Single Mode Transceiver(5V) FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
C-127-1250-FDFB-SLC2-G5 C-129-1250-FDFB-SLC2-G5 C- |
FIBER OPTIC TRANSCEIVER, 1506-1518nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1466-1478nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1266-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR 1.25 Gbps Single Mode SFF LC Transceiver
|
Source Photonics, Inc.
|
FWDM-1521-7D-47 FWDM-1521-7D-49 FWDM-1521-7D-51 FW |
FIBER OPTIC TRANSCEIVER, 1564-1577nm, 2670Mbps(Tx), 2670Mbps(Rx), PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1524-1537nm, 2670Mbps(Tx), 2670Mbps(Rx), PANEL MOUNT, LC CONNECTOR Multi-rate CWDM Pluggable SFP Transceiver
|
Finisar Corporation.
|
B-13-15-622-TPM-SSC-60 B-13-15-622-TPM3-SSC-60 B-1 |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR ROHS COMPLIANT PACKAGE-9 622 Mbps Bi-directional Single Fiber Transceiver
|
HIROSE ELECTRIC Co., Ltd. Source Photonics, Inc.
|
B-15-155-TPM3-S B-13-155-TPM3-S B-13-155-TPM3-SMU3 |
155 Mbps Bi-directional Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR
|
Source Photonics, Inc. HIROSE ELECTRIC Co., Ltd.
|
HFBR-53A3VFM HFBR-53A3VEM |
HFBR-53A3VFM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield, Metalized Housing HFBR-53A3VEM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield, Metalized Housing 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
|
Agilent (Hewlett-Packard)
|
OAT1046F-V3-C-10-72 OAT1046F-V3-C-05-27 OAT1046F-V |
FIBER OPTIC TRANSCEIVER, 10700Mbps(Tx), 10700Mbps(Rx), FC CONNECTOR FIBER OPTIC TRANSCEIVER, 10300Mbps(Tx), 10300Mbps(Rx), FC CONNECTOR FIBER OPTIC TRANSCEIVER, 10300Mbps(Tx), 10300Mbps(Rx), LC CONNECTOR FIBER OPTIC TRANSCEIVER, 10700Mbps(Tx), 10700Mbps(Rx), LC CONNECTOR FIBER OPTIC TRANSCEIVER, 9950Mbps(Tx), 9950Mbps(Rx), FC CONNECTOR FIBER OPTIC TRANSCEIVER, 10300Mbps(Tx), 10300Mbps(Rx), MU CONNECTOR FIBER OPTIC TRANSCEIVER, 9950Mbps(Tx), 9950Mbps(Rx), LC CONNECTOR FIBER OPTIC TRANSCEIVER, 9950Mbps(Tx), 9950Mbps(Rx), MU CONNECTOR FIBER OPTIC TRANSCEIVER, 10700Mbps(Tx), 10700Mbps(Rx), MU CONNECTOR
|
Oki Electric Industry Co., Ltd. OKI ELECTRIC INDUSTRY CO LTD
|
OD-BP1511-23LL4 OD-BP1511-25LL4 OD-BP1511-23ML4 OD |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 156Mbps(Tx), 156Mbps(Rx), LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1480-1580nm, 156Mbps(Tx), 156Mbps(Rx), LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1260-1360nm, 156Mbps(Tx), 156Mbps(Rx), SC CONNECTOR ROHS COMPLIANT PACKAGE
|
HIROSE ELECTRIC Co., Ltd.
|
V23826-C18-C366-D3 V23826-C18-C63-D3 |
FIBER OPTIC TRANSCEIVER
|
INFINEON TECHNOLOGIES AG
|
HFBR-2505C HFBR-1505A HFBR-2505A HFBR-1505C HFBR-1 |
HFBR-2515B · Fiber Optic Receiver for PROFIBUS Applications HFBR-1515B · Fiber Optic Transmitter for PROFIBUS Applications HFBR-0539 · Evaluation Kit designed for PROFIBUS applications that operate up to 12MBd HFBR-2505A · Fiber Optic Receiver for SERCOS Applications HFBR-1505A · Fiber Optic Transmitter for SERCOS Applications HFBR-0540 · Evaluation Kit designed for SERCOS applications that operate up to 10MBd HFBR-2505C · Fiber Optic Receiver for INTERBUS-S Applications HFBR-1505C · Fiber Optic Transmitter for INTERBUS-S Applications HFBR-0538 · Evaluation Kit designed for INTERBUS-S applications that operate at 500kB and 2MBd Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications Fiber Optic Receiver for INTERBUS-S Applications Fiber Optic Transmitter for INTERBUS-S Applications Evaluation Kit designed for PROFIBUS applications that operate up to 12MBd 评估板用于PROFIBUS的应用而设计,经营2MBd Fiber Optic Transmitter for INTERBUS-S Applications 光纤变送器的INTERBUS - S应用
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Coilcraft, Inc. Avago Technologies, Ltd.
|
|